ATS-13B-16-C2-R0
AI

The **ATS-13B-16-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the thermal management category, specifically a high-performance **heat sink** designed for cooling integrated circuits (ICs) and other electronic chips.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the physical and thermal properties of the heat sink.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-13B-16-C2-R0 |
| **Product Type** | Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | ~18.08°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 10mm |
---
## 2. Key Component Features
### A. pushPIN™ Attachment System
The "R0" suffix indicates the use of the ATS pushPIN™ mounting system. This features:
* **Precision Springs:** Provides the exact required pressure (load) to ensure optimal thermal interface contact.
* **Tool-less Installation:** Designed for quick assembly onto a Printed Circuit Board (PCB) using pre-drilled holes.
### B. Material and Coating
* **Aluminum Construction:** Offers a lightweight solution with high thermal conductivity.
* **Blue Anodization:** Not only provides a professional aesthetic but also adds a protective layer against corrosion and slightly increases emissivity for better radiant cooling.
### C. Fin Profile
The **13B series** typically features a **Straight Fin** or **Cross-Cut** geometry. This design is optimized for "Open Air" or "High Velocity" environments where airflow is directed through the fins to carry heat away from the component.
---
## 3. Application Use Cases
This part is commonly found in the following electronic sectors:
1. **Telecommunications:** Cooling of high-speed networking chips and routers.
2. **Embedded Systems:** Industrial PCs where vertical clearance is limited (10mm height).
3. **Power Electronics:** Managing heat for MOSFETs or voltage regulators in power supplies.
---
## 4. Thermal Performance Data
*Measured in Degrees Celsius per Watt (°C/W)*
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 18.08 |
| 300 (1.5 m/s) | 8.32 |
| 500 (2.5 m/s) | 5.94 |
- ⤷
What is the significance of the 'C2' designation in the ATS part numbering system?
- ⤷ How do I calculate if the 18.08°C/W resistance is sufficient for my specific processor?
- ⤷ Are there alternative mounting options if my PCB does not have pushPIN holes?