ATS-13B-29-C2-R0
AI

The **ATS-13B-29-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" attachment series, designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 7.57°C/W (Natural Convection) |
| **Fin Style** | Straight Fin |
| **Spring Type** | Compression Spring |
---
### 2. Breakdown of the Part Number
The part number can be decoded as follows to understand the electronic application:
* **ATS-13**: Refers to the specific series and hole pattern for the push-pin mounting.
* **B**: Denotes the specific package type or revision.
* **29**: Indicates the height (approximately 20mm - 25mm range depending on the base).
* **C2**: Refers to the material and finish (Blue Anodized Aluminum).
* **R0**: Indicates the version or packaging quantity (Standard Retail/Bulk).
---
### 3. Electronic Functionality
While a heatsink is a passive mechanical part, it is critical for the reliability of electronic circuits.
#### Thermal Management
The core purpose is to increase the surface area of a heat-generating semiconductor. By dissipating heat into the ambient air, it prevents **Thermal Throttling** or permanent damage to the silicon die.
#### The Interface (TIM)
The "C2" variant typically comes with a pre-applied **Thermal Interface Material (TIM)** or is designed to work with specific thermal pads. This fills the microscopic air gaps between the component (e.g., a BGA chip) and the aluminum base to maximize heat transfer.
#### Mounting System
The push-pin system uses a spring-loaded mechanism. This ensures:
1. **Constant Pressure:** Maintains a consistent force against the chip for optimal thermal contact.
2. **Vibration Resistance:** Prevents the heatsink from shifting during transport or operation.
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and routers.
* **Power Electronics:** Voltage regulators and power converters.
* **Telecommunications:** Cooling of ASICs and FPGA chips on PCBs.
---
- ⤷What is the difference between thermal resistance in natural vs. forced convection for this heatsink?
- ⤷ Can this heatsink be mounted on a PCB without pre-drilled holes?
- ⤷ What are the advantages of blue anodized aluminum over standard aluminum?