ATS-13B-31-C2-R0
AI

The **ATS-13B-31-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and electronic application characteristics.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 25.25°C/W (Unducted Flow @ 100 LFM) |
### 2. Physical Dimensions
This part is designed for small to medium-sized chips requiring vertical cooling space.
* **Length:** 54.00 mm
* **Width:** 54.00 mm
* **Height:** 10.00 mm (Low Profile)
* **Fin Pitch:** Fine Pattern (for high surface area)
### 3. Electronic Design Features
#### A. pushPIN™ Attachment System
The part uses a specialized "pushPIN" system which consists of a spring-loaded pin. This is critical for electronics for two reasons:
1. **Constant Pressure:** It ensures even pressure across the surface of the processor or MOSFET, improving thermal transfer.
2. **Vibration Resistance:** The spring mechanism prevents the heatsink from shifting during mechanical shock or vibration.
#### B. Thermal Interface Material (TIM)
The "R0" suffix indicates that the part typically comes with **pre-applied phase-change material** or a high-performance thermal pad (specifically **T766** in this series). This eliminates the need for manual application of thermal paste.
#### C. Material & Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Not just for aesthetics; the anodization process increases emissivity and provides a layer of electrical insulation/corrosion resistance.
---
### 4. Performance Metrics
Thermal resistance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 25.25 |
| 300 (1.5 m/s) | 6.01 |
| 500 (2.5 m/s) | 3.51 |
| 700 (3.5 m/s) | 2.53 |
---
### 5. Common Applications
* **Networking Hardware:** Cooling CPUs in routers and switches.
* **Power Electronics:** Dissipating heat from high-power transistors.
* **Embedded Systems:** Industrial PCs where vertical clearance is limited (10mm height).
- ⤷
How do I calculate if the 10mm height is sufficient for my specific TDP (Thermal Design Power)?
- ⤷ What are the differences between the C1 and C2 versions of this heatsink?
- ⤷ Can this push-pin system be used on a PCB without pre-drilled holes?