ATS-13B-66-C2-R0
AI

The **ATS-13B-66-C2-R0** is a high-performance electronic component specifically designed for thermal management. It is a **heat sink** manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its specifications, construction, and technical characteristics.
---
## 1. Technical Specifications
The part belongs to the **maxiFLOW™** series, known for its unique fin geometry that maximizes airflow and cooling efficiency.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Base Part Number** | ATS-13B-66-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 40mm x 35mm |
| **Thermal Resistance** | 5.77°C/W (at 100 LFM) |
| **Thermal Interface Material** | T766 (High Performance) |
---
## 2. Key Design Features
### A. Fin Geometry (maxiFLOW™)
The "B" in the part number denotes a specific fin configuration. Unlike standard straight fins, this model features a **flared fin design**. This increases the surface area for heat dissipation while reducing the pressure drop, allowing air to move more freely through the sink.
### B. pushPIN™ Attachment
Instead of using messy adhesives or weak thermal tape, this part uses a **pushPIN™** system:
* **Spring-loaded mechanism:** Ensures consistent pressure across the surface of the processor/chip.
* **Reliability:** Resistant to shock and vibration, making it ideal for industrial or transport-related electronics.
* **Brass Hardware:** High-quality pins ensure longevity and ease of installation on a PCB.
### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. This is a high-performance thermal grease or pad that fills microscopic air gaps between the heat source (CPU/GPU/FPGA) and the aluminum base, ensuring efficient heat transfer.
---
## 3. Typical Applications
This component is generally used to cool high-heat-generating surface-mount devices (SMDs) in the following sectors:
* **Telecommunications:** Network switches and routers.
* **Embedded Computing:** High-speed processors and FPGA boards.
* **Power Electronics:** Power supplies and motor controllers.
* **Server/Storage:** Data center hardware requiring robust airflow cooling.
---
## 4. Ordering Nomenclature Breakdown
* **ATS:** Advanced Thermal Solutions (Brand)
* **13:** Series/Family
* **B:** Fin Style (maxiFLOW)
* **66:** Dimensional code
* **C2:** Material/Finish (Blue Anodized Aluminum)
* **R0:** Revision/Packaging status
- ⤷
How do I calculate if the 5.77°C/W thermal resistance is sufficient for my specific chip?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ Are there alternative attachment methods if my PCB does not have holes for pushPINs?