AI

The **ATS-13B-67-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, which is specifically designed to provide high thermal performance in environments with constrained airflow.
---
### 1. Technical Specifications
Below are the primary technical parameters for this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-13B-67-C2-R0 |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.03°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Thermal Interface Material** | T766 (Pre-applied Phase Change Material) |
---
### 2. Physical Design and Construction
The design of the ATS-13B-67-C2-R0 focuses on maximizing surface area and improving air intake:
* **maxiFLOW™ Fin Pattern:** Features a flared fin geometry. This design increases the surface area for heat dissipation while reducing the pressure drop, allowing air to flow through the fins more efficiently.
* **pushPIN™ Attachment:** It uses a spring-loaded mechanism that ensures a consistent and secure pressure against the electronic component (CPU, GPU, or FPGA), which is critical for maximizing thermal transfer.
* **Material:** Made of high-grade aluminum, which offers a balance between lightweight construction and high thermal conductivity.
---
### 3. Electronic Application Use Cases
This heat sink is typically used for cooling high-power semiconductors in various industrial and commercial electronics:
1. **Telecommunications:** Cooling networking chips, routers, and switches.
2. **Embedded Systems:** High-performance single-board computers (SBCs) where vertical space is limited (10mm height).
3. **Power Electronics:** Dissipating heat from MOSFETs, IGBTs, or Voltage Regulator Modules (VRMs).
### 4. Thermal Performance Comparison
The effectiveness of this heat sink depends heavily on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 2.03 |
| 400 | 1.15 |
| 600 | 0.90 |
---
### Summary Checklist
* **Low Profile:** Only 10mm high, ideal for 1U rackmount chassis.
* **Secure:** pushPIN™ avoids the "sliding" common with adhesive tapes.
* **Ready-to-use:** Comes with pre-applied thermal interface material (TIM).
- ⤷
What are the specific hole patterns required for the pushPIN attachment?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a version of this heat sink with a different height or mounting style?