ATS-13B-69-C2-R0
AI

The **ATS-13B-69-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its specifications and electronic application characteristics.
---
### 1. Technical Specifications
The part belongs to the **pushPIN™** series, designed for secure and efficient attachment to Printed Circuit Boards (PCBs).
| Feature | Specification |
| :--- | :--- |
| **Product Category** | Heat Sink |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Plastic or Brass) |
| **Heat Sink Type** | Straight Fin (Square) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.15 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
---
### 2. Key Component Features
#### A. Thermal Performance
This heat sink is designed for **forced air cooling**. It uses a "Straight Fin" geometry which is ideal for systems where the airflow direction is consistent. The thermal resistance drops significantly as the Airflow (LFM - Linear Feet per Minute) increases.
#### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or fragile clips, this part uses the **pushPIN™** mechanism:
* **Spring-loaded:** Ensures even pressure across the surface of the electronic component (CPU, GPU, or ASIC).
* **Reliability:** Provides a secure mechanical connection that resists vibration and shock.
* **Installation:** Requires pre-drilled holes in the PCB.
#### C. Material and Coating
* **AL6063 Aluminum:** Offers high thermal conductivity while remaining lightweight.
* **Blue Anodized Finish:** Not only aesthetic but provides increased surface area at a microscopic level and protects the aluminum from corrosion.
---
### 3. Application Use-Cases
In electronics design, the ATS-13B-69-C2-R0 is typically used for:
1. **Processors:** Cooling CPUs or FPGAs in industrial computing.
2. **Power Electronics:** Dissipating heat from MOSFET arrays or VRMs (Voltage Regulator Modules).
3. **Networking:** Cooling high-speed switching chips in routers and servers.
---
### 4. Dimensional Drawing Summary
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 45.00 |
| **Width (B)** | 45.00 |
| **Height (C)** | 20.00 |
| **Hole Spacing (E)** | 38.00 |
| **Hole Spacing (F)** | 38.00 |
- ⤷How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of performance?
- ⤷ Are there different spring tensions available for the pushPIN attachment?