ATS-13B-72-C3-R0
AI

The **ATS-13B-72-C3-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its specifications and electronic application characteristics.
---
### 1. Technical Specifications
The part is designed for cooling electronic components such as CPUs, GPUs, or high-power transistors (IGBTs).
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 35mm |
| **Thermal Resistance** | 5.10°C/W (at 200 LFM) |
| **Fin Style** | Straight / Cross-Cut Pin Fin |
---
### 2. Key Electronic Components
This part number consists of three primary functional elements that work together to protect electronic circuits from overheating:
#### A. The Heat Sink Body
* **Thermal Dissipation:** The 35mm height provides a large surface area relative to its footprint.
* **Pin Fin Design:** Unlike traditional extruded fins, the pin-fin architecture allows for omnidirectional airflow. This is critical in electronic enclosures where the direction of the cooling fan might vary or be turbulent.
#### B. Attachment Mechanism (pushPIN™)
* **Spring-Loaded Pins:** The "R0" designation refers to the specific attachment kit. It uses a spring-loaded push-pin system that ensures even pressure across the electronic chip (IC).
* **Compression:** This prevents the heat sink from shifting during mechanical shock or vibration, which is vital for maintaining the integrity of the thermal interface.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied Coating:** Most ATS parts in this series come with a pre-applied high-performance thermal interface material (like T766). This fills microscopic air gaps between the heat sink and the electronic component to maximize heat transfer.
---
### 3. Application Use Cases
The ATS-13B-72-C3-R0 is typically used in the following electronic environments:
* **Networking Equipment:** High-speed routers and switches.
* **Power Electronics:** Power supplies and converters requiring passive or active cooling.
* **Embedded Systems:** Industrial PCs where vertical space (35mm) is available for superior cooling.
---
- ⤷
What is the significance of the 'Blue Anodized' finish in terms of thermal performance?
- ⤷ How do I calculate if the 5.10°C/W thermal resistance is sufficient for my specific IC?
- ⤷ Are there different spring tensions available for the push-pin attachment?