ATS-13B-80-C2-R0
AI

The **ATS-13B-80-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed by Advanced Thermal Solutions (ATS) for cooling electronic integrated circuits (ICs) such as CPUs, GPUs, or FPGAs.
---
### 1. Component Overview
The "maxiFLOW™" series is characterized by its unique flared fin structure, which maximizes surface area for convection cooling while maintaining a low pressure drop.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-13B-80-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 1.90°C/W (at 200 LFM) |
---
### 2. Technical Dimensions
Precision sizing is critical for ensuring the heatsink fits within the PCB layout without interfering with surrounding components.
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 30.00 mm |
| **Width (B)** | 30.00 mm |
| **Height (C)** | 15.00 mm |
| **Pitch (E)** | 35.00 mm (Hole to Hole) |
| **Pitch (F)** | 35.00 mm (Hole to Hole) |
---
### 3. Key Electronic Functions
While the part itself is passive (non-powered), it serves several critical roles in an electronic assembly:
* **Thermal Dissipation:** It draws heat away from the semiconductor junction through conduction and releases it into the ambient air via convection.
* **Thermal Interface Material (TIM):** The "C2" designation typically implies it comes with a pre-applied high-performance thermal interface material (like T766) to ensure minimal air gaps between the chip and the metal.
* **Mechanical Stability:** The **pushPIN™** attachment system uses a brass component with a stainless steel spring to provide precise pressure (load) on the electronic package, ensuring consistent thermal contact without damaging the PCB.
---
### 4. Part Number Breakdown (Nomenclature)
Understanding the suffix codes helps in selecting the right variant:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **13:** Series type (maxiFLOW).
* **B:** Material/Fin style.
* **80:** Specific design iteration/dimension set.
* **C2:** Thermal Interface Material (TIM) type and color/finish.
* **R0:** RoHS Compliance status (Lead-free).
---
- ⤷
What are the airflow requirements to achieve the optimal 1.90°C/W thermal resistance?
- ⤷ How does the pushPIN™ attachment compare to traditional adhesive thermal tapes?
- ⤷ Is this heatsink compatible with standard BGA packages sized 27x27mm?