ATS-13B-91-C3-R0
AI

The **ATS-13B-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ Heat Sink |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Material** | Aluminum |
| **Fin Style** | Straight (Fine Pitch) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | ATS-HK176-R0 |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Breakdown of the Part Number
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **13B**: Specific series/mold identifier.
* **91**: Designates the specific fin geometry and height (10mm).
* **C3**: Indicates the material/finish (usually Blue Anodized Aluminum).
* **R0**: Revision/Packaging code.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (no electricity flows through it), it performs critical functions for the electronic system:
1. **Thermal Resistance Management**: It reduces the junction temperature ($T_j$) of a semiconductor, preventing thermal throttling or permanent damage.
2. **Push-Pin Attachment**: The assembly uses a spring-loaded push-pin mechanism. This provides consistent pressure across the surface of the electronic chip, which is vital for effective heat transfer through the Thermal Interface Material (TIM).
3. **Low Profile Design**: At only 10mm tall, it is specifically designed for high-density electronic assemblies (like 1U servers or thin-client hardware) where vertical space is limited.
---
### 4. Thermal Performance
* **Airflow Efficiency**: The "Fine Pitch" fin design is optimized for systems with active cooling (fans).
* **T412 Interface**: The pre-applied T412 material is a high-performance thermal adhesive/pad that fills microscopic air gaps between the chip and the heat sink, significantly lowering thermal impedance.
- ⤷
What is the thermal resistance value (Celsius/Watt) for this specific heat sink?
- ⤷ What are the compatible hole patterns on a PCB for the ATS push-pin system?
- ⤷ How does the T412 thermal interface material compare to standard thermal grease?