ATS-13D-08-C3-R0
AI

The **ATS-13D-08-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the *pushPIN™* series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications, construction, and applications.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Fin Type** | Fine-Pitch (increases surface area) |
| **Base Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (with Compression Springs) |
| **Dimensions (LxWxH)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | ~14.6°C/W (at 100 LFM) to ~1.4°C/W (at 800 LFM) |
| **Spring Material** | Brass (standard) or Stainless Steel |
---
### 2. Key Component Features
#### A. Attachment Mechanism (pushPIN™)
The "R0" at the end of the part number indicates the mounting hardware. This system uses flexible push-pins that click into pre-drilled holes on the PCB.
* **Benefits:** Ensures constant, uniform pressure on the electronic component (CPU, GPU, or FPGA), which optimizes heat transfer.
* **Security:** Prevents the heat sink from shifting during vibration or shipping.
#### B. Fin Design
This specific model uses a **Fine-Pitch** fin geometry.
* This design is optimized for **forced air cooling** (environments with fans).
* The high density of fins provides a larger surface area for heat dissipation compared to standard cross-cut designs.
#### C. Thermal Interface Material (TIM)
ATS usually pre-applies a high-performance **Thermal Phase Change Material** or thermal grease to the base of these sinks. This fills microscopic air gaps between the heat sink and the electronic chip to maximize thermal conductivity.
---
### 3. Applications
The ATS-13D-08-C3-R0 is typically used for cooling mid-range heat-generating components in:
1. **Telecommunications:** Network switches and routers.
2. **Industrial PCs:** Compact motherboards where height is restricted (15mm profile).
3. **Power Electronics:** Voltage regulators and high-speed transistors.
4. **Embedded Systems:** High-performance ARM or FPGA modules.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **13** | Series / Frame Size Identifier |
| **D** | Material / Spring Type Code |
| **08** | Height (Specific to series mapping) |
| **C3** | Thermal Resistance / Performance Grade |
| **R0** | Finish/Color (Blue Anodized) and Attachment style |
- ⤷
How do I calculate the correct hole pattern on my PCB for this heat sink?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of performance?
- ⤷ Can this heat sink be used in a passive cooling (no fan) environment?