ATS-13D-12-C2-R0
AI

The **ATS-13D-12-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" component cooling line, designed for thermal management of integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Component Specifications
The technical attributes of this specific part number are detailed in the table below:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded Plastic Pin) |
| **Base Dimension** | 50mm x 50mm |
| **Height** | 15mm |
| **Fin Type** | XCUT (Cross-cut for multi-directional airflow) |
| **Thermal Resistance** | 15.84 °C/W (at 100 LFM) |
| **Thermal Interface** | T766 (Pre-applied Thermal Grease) |
---
### 2. Breakdown of the Part Number
The nomenclature for ATS products follows a specific logic:
* **ATS-13**: Refers to the series (pushPIN™ Heatsink Assembly).
* **D**: Indicates the hardware/attachment kit type.
* **12**: Represents the specific fin pattern and geometry.
* **C2**: Denotes the material and finish (typically Aluminum with a specific Blue Anodize).
* **R0**: Refers to the revision or packaging version.
---
### 3. Key Electronic Cooling Features
#### Multi-Directional Airflow (XCUT)
Unlike standard straight-fin heatsinks that require air to flow in one specific direction, the **XCUT** design uses a cross-cut pattern. This allows the electronic component to be cooled effectively regardless of which direction the system fans are blowing.
#### Attachment Mechanism (pushPIN™)
This part uses a "pushPIN" system which consists of:
1. **Plastic Pins:** They snap into pre-drilled holes on the PCB.
2. **Compression Springs:** These ensure constant, high pressure between the heatsink and the chip, which is critical for efficient heat transfer.
#### Thermal Interface Material (TIM)
The **T766** material is pre-applied to the base. This eliminates the need for manual application of thermal paste, ensuring a consistent and clean thermal bond between the heatsink and the electronic package.
---
### 4. Typical Applications
* **Networking Equipment:** Switches and Routers.
* **Industrial PCs:** Compact motherboards where space is limited.
* **Power Supplies:** Cooling MOSFETs or power regulators.
* **Embedded Systems:** High-performance ARM or FPGA modules.
- ⤷
What are the PCB hole requirements for mounting the pushPIN system?
- ⤷ How does the thermal resistance change at higher airflow (e.g.
- ⤷ 500 LFM)?
- ⤷ Are there alternative finish options for this heatsink if blue anodized is not suitable?