ATS-13D-121-C2-R0
AI

The **ATS-13D-121-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent overheating.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 9.48°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 10mm (Low Profile) |
| **Attachment Method** | Push-pin (Brass) |
| **Spring Type** | Stainless Steel (Compression) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the product's attributes:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **13**: Refers to the specific series of the product.
* **D**: Indicates the spring type (standard compression spring).
* **121**: Specific dimensions and internal design code.
* **C2**: Indicates the thermal interface material (TIM) pre-applied (usually T766 phase-change material).
* **R0**: RoHS compliance status.
---
### 3. Key Design Features
* **Fine Pitch Fins:** The heat sink utilizes a high-density fin array to maximize the surface area for heat transfer while maintaining a low profile.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a mechanical push-pin system. This ensures a consistent pressure (load) on the processor, which improves thermal conductivity.
* **Pre-Applied TIM:** It comes with a pre-applied Thermal Interface Material, reducing assembly time and ensuring a high-quality bond between the chip and the aluminum.
* **Cross-Cut Design:** The fins are often designed to allow for "omni-directional" airflow, meaning it performs well regardless of which direction the cooling fan is blowing.
---
### 4. Typical Applications
This component is commonly found in:
* **Networking Hardware:** Switches, routers, and gateways.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Components requiring rapid heat dissipation in tight spaces.
* **Processors/FPGAs:** Cooling low-to-mid power chips in compact enclosures.
- ⤷
What are the benefits of push-pin mounting versus adhesive tape for heat sinks?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can this heat sink be used for CPUs with a TDP higher than 20W?