ATS-13D-137-C2-R0
AI

The **ATS-13D-137-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and other surface-mount components.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 10.00mm |
| **Thermal Resistance** | 18.30°C/W (at 100 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### 2. Electronic Component Breakdown
#### A. The Heat Sink Body
The body is made of **AL6063 aluminum**, chosen for its excellent thermal conductivity and lightweight properties. The "Blue Anodized" finish is not just aesthetic; it provides surface protection against corrosion and slightly improves radiative heat transfer.
#### B. The pushPIN™ Mounting System
Instead of using messy adhesives or weak thermal tape, this part uses a mechanical **pushPIN™** system.
* **Spring-loaded mechanism:** Ensures constant, high-pressure contact between the heat sink and the electronic chip.
* **Attachment Type:** Uses two brass pins with stainless steel springs to lock into pre-drilled holes on the Printed Circuit Board (PCB).
#### C. Thermal Interface Material (TIM)
The part comes with **T766** thermal grease or pad pre-applied to the base. This is a critical "electronic part" because it fills microscopic air gaps between the chip and the aluminum, significantly lowering thermal resistance.
---
### 3. Application and Usage
This specific heat sink is typically used for cooling:
* **Processors (CPUs/GPUs):** Small form-factor embedded chips.
* **FPGAs/ASICs:** High-speed logic gates that generate localized heat.
* **Power Transistors:** Voltage regulators that require heat dissipation to prevent thermal throttling or failure.
---
### 4. Part Number Decoder
Understanding the "ATS-13D-137-C2-R0" nomenclature:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **13D** | Series/Mounting style (pushPIN™) |
| **137** | Specific Fin Profile / Model number |
| **C2** | Material/Finish (Aluminum / Blue Anodized) |
| **R0** | RoHS Compliant / Revision status |
- ⤷
What are the airflow requirements to achieve the 18.30°C/W thermal resistance?
- ⤷ Can this heat sink be used with a custom clip if the PCB lacks mounting holes?
- ⤷ How does the T766 interface material compare to standard thermal paste?