ATS-13D-14-C2-R0
AI

The **ATS-13D-14-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It belongs to the "maxiFLOW" series, characterized by a unique trapezoidal fin design.
---
### 1. Technical Specifications
Below are the primary technical parameters for this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 20.00mm |
| **Thermal Resistance** | 9.97°C/W @ Unducted Flow |
| **Pressure Drop** | 0.14 inH2O @ 200 LFM |
---
### 2. Key Electronic & Physical Features
#### A. The maxiFLOW™ Design
The "maxiFLOW" geometry features a spread-fin pattern that increases the surface area while reducing pressure drop. In electronics, this is critical for high-density PCBs where airflow may be restricted.
#### B. Push-Pin Attachment
The `-R0` suffix indicates a specific attachment assembly.
* **Mechanical Stability:** Uses a brass push-pin with a stainless steel spring.
* **Pressure Control:** Provides a consistent force on the high-power component (like a BGA or FPGA), ensuring optimal interface between the chip and the heatsink.
#### C. Thermal Interface Material (TIM)
This specific model usually comes pre-applied with **Chomerics T766**, a high-performance phase-change material. This eliminates the need for manual thermal paste application and ensures uniform heat transfer.
---
### 3. Application Use Cases
This part is commonly found in the following electronic environments:
* **Telecommunications:** Cooling of high-speed processors in routers and switches.
* **Industrial PC:** Cooling chipsets or embedded CPUs.
* **Power Supplies:** Managing heat in localized power conversion modules.
---
### 4. Part Number Breakdown
The nomenclature `ATS-13D-14-C2-R0` translates to:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **13:** Series/Type.
* **D:** Attachment style (Push-Pin).
* **14:** Specific height/configuration code.
* **C2:** Blue Anodized finish (usually indicates specific thermal properties).
* **R0:** Revision or packaging code.
- ⤷What is the difference between push-pin and clip-on heatsink attachments?
- ⤷ How do I calculate if 9.97°C/W is sufficient for my processor?
- ⤷ Are there alternative sizes available in the maxiFLOW series?