ATS-13D-150-C2-R0
AI

The **ATS-13D-150-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent overheating.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Push-Pin Heat Sink |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 25.0mm |
| **Thermal Resistance** | 4.82°C/W (at 200 LFM) |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Interface Material** | T766 (Pre-applied Thermal Phase Change Material) |
---
### 2. Design and Components
The "150" series belongs to the **push-PIN™** line, which focuses on ease of assembly and high thermal efficiency.
#### A. Fin Design
The heat sink features a **straight fin** or **cross-cut** design (depending on the specific revision), optimized for airflow. The 25mm height provides a large surface area for heat exchange relative to its 35x35mm footprint.
#### B. The Push-Pin Mechanism
Instead of using messy adhesives or tapes, this part uses a mechanical fastening system:
* **Pins:** Usually made of brass or plastic; these go through pre-drilled holes in the PCB.
* **Springs:** Provide constant pressure between the heat sink and the chip, ensuring maximum thermal contact even under vibration.
#### C. Thermal Interface Material (TIM)
The **C2** designation typically refers to the thermal interface material pre-applied to the base. This fills microscopic air gaps between the component and the heat sink.
---
### 3. Usage Context
This part is commonly found in the following applications:
* **Networking:** Routers, switches, and base stations.
* **Computing:** Cooling chipsets, GPUs, or small CPUs on embedded motherboards.
* **Power Electronics:** Dissipating heat from high-speed transistors or power modules.
### 4. Thermal Performance Comparison
Thermal resistance ($R_{th}$) determines how many degrees the temperature rises per watt of power dissipated.
```text
Airflow (LFM) | Thermal Resistance (°C/W)
-----------------------------------------
100 (0.5 m/s) | 6.50
200 (1.0 m/s) | 4.82
300 (1.5 m/s) | 4.10
400 (2.0 m/s) | 3.50
```
---
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the T766 thermal material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?