ATS-13D-151-C1-R0
AI

The **ATS-13D-151-C1-R0** is a high-performance electronic cooling component, specifically a **Heatsink** designed for thermal management in dense electronic environments. It is manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Key Technical Specifications
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Part Number** | ATS-13D-151-C1-R0 | Push-Pin style heatsink |
| **Material** | Aluminum | Lightweight and efficient heat dissipation |
| **Finish** | Blue Anodized | Increases surface emissivity and provides corrosion resistance |
| **Attachment Method** | Push-Pin | Spring-loaded plastic pins for secure PCB mounting |
| **Fin Type** | Fine-Pitch | Optimized for high-velocity airflow |
| **Dimensions** | 40mm x 40mm x 10mm | Low profile for space-constrained boards |
---
### 2. Component Features
The design of the ATS-13D-151-C1-R0 focuses on "push-pin" attachment and thermal interface efficiency.
* **Thermal Interface Material (TIM):** This specific model comes pre-applied with **SAINT-GOBAIN C1100**, a high-performance thermal pad that eliminates the need for manual paste application.
* **Push-Pin Attachment:** The use of a push-pin with a brass spring ensures consistent pressure on the processor or chip, which is critical for maximizing heat transfer.
* **Heat Dissipation Geometry:** The fins are designed with a specific gap to minimize pressure drop while maximizing the surface area exposed to air.
---
### 3. Applications
This component is typically found in:
1. **Network Switches/Routers:** Cooling high-speed ASICs and processors.
2. **Embedded Systems:** For industrial computers where vibration resistance (provided by the push-pins) is necessary.
3. **Power Electronics:** Managing heat for voltage regulators or small power modules.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **13D:** Product series designation.
* **151:** Dimensional/Fin configuration code.
* **C1:** Thermal Interface Material (TIM) code.
* **R0:** Revision/RoHS compliance status.
- ⤷
What are the alternative attachment methods for ATS heatsinks?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heatsink be used in passive cooling environments without a fan?