ATS-13D-166-C3-R0
AI

The **ATS-13D-166-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the *pushPIN™* series manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its specifications and electronic application characteristics.
---
### 1. Technical Specifications
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Brass with Plastic T-Series) |
| **Fin Type** | Flat Fin (Square) |
| **Thermal Resistance** | 12.30°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 25mm x 25mm x 15mm |
| **Surface Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Functional Design Parts
This component is more than just a piece of metal; it is a system designed to protect sensitive integrated circuits (ICs).
#### A. The Fin Geometry
The "Flat Fin" design is optimized for high-density electronic boards. The square footprint (25mm) is sized specifically for small processors, FPGAs, or power regulators.
#### B. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the **ATS-13D-166-C3-R0** uses a mechanical push-pin system.
* **Pressure Control:** The built-in spring ensures a consistent downward force (pressure) on the chip.
* **Reliability:** Mechanical mounting is more durable than thermal tape in high-vibration environments (e.g., aerospace or automotive electronics).
#### C. Thermal Interface Material (TIM)
The unit comes with **T412** pre-applied. This is a high-performance thermal pad/grease that fills the microscopic air gaps between the electronic component and the aluminum surface, drastically improving heat transfer efficiency.
---
### 3. Thermal Performance Matrix
Thermal resistance varies based on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Air Velocity (LFM) | 100 | 300 | 500 | 700 |
| :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 12.18 | 7.42 | 5.58 | 4.66 |
---
### 4. Typical Applications
* **BGA Cooling:** Ball Grid Array chips that generate moderate heat.
* **Network Switches:** Used on high-speed data processing chips.
* **Power Supplies:** Cooling voltage regulators to prevent thermal throttling.
- ⤷What is the difference between T412 and other Thermal Interface Materials?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes for push-pins?