ATS-13D-178-C2-R0
AI

The **ATS-13D-178-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin |
| **Thermal Resistance** | 4.82°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 35.00mm x 35.00mm |
| **Height** | 15.00mm |
| **Finish** | Blue Anodized |
| **Spring Type** | Brass, Nickel Plated |
---
## 2. Component Design & Architecture
### A. Fin Profile (Top Performance)
The "178" in the part number indicates a specific fin pattern. These are typically **straight fins** or **cross-cut fins** designed to maximize surface area while allowing air to flow through the heat sink with minimal pressure drop.
### B. Attachment Mechanism: pushPIN™
Instead of messy thermal adhesives or fragile clips, this part uses a **Push-Pin** system:
* **Compression Spring:** Provides a precise amount of downward pressure (Force) to ensure optimal contact between the heat sink and the chip.
* **Ease of Install:** Allows for quick assembly and easy removal for maintenance without damaging the PCB.
### C. Thermal Interface Material (TIM)
The "C2" suffix indicates that this specific model comes pre-applied with **T766 thermal phase change material**. This eliminates the need for manual thermal paste application and ensures a consistent, high-quality thermal bond.
---
## 3. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM) provided by system fans.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 4.82 |
| 200 (1.0 m/s) | 2.85 |
| 300 (1.5 m/s) | 2.30 |
| 400 (2.0 m/s) | 2.00 |
---
## 4. Key Advantages
1. **Uniform Pressure:** The push-pin and spring assembly ensure that the heat sink sits perfectly flat on the component, preventing "hot spots."
2. **Lightweight:** Made of Aluminum 6063, it provides a high strength-to-weight ratio, reducing mechanical stress on the PCB.
3. **Corrosion Resistance:** The blue anodized finish provides an oxide layer that protects the aluminum from environmental degradation.
---
- ⤷What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate if 4.82°C/W is sufficient for my specific chip?
- ⤷ Can this heat sink be used with a custom mounting bracket instead of the push-pins?