ATS-13D-34-C2-R0
AI

The **ATS-13D-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Mounting Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 6.73°C/W (Natural Convection) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 30.00mm |
| **Attachment Method** | ATS-CP-1014 (Spring-loaded push pin) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Features
* **Heat Sink Geometry:** This model utilizes a **cross-cut** or **pin-fin** design. This structure allows for multi-directional airflow, making it highly efficient in systems where the direction of the cooling air may vary.
* **push-pin Attachment:** The "R0" designation refers to the specific attachment kit. It uses plastic push-pins and a compression spring. This ensures constant pressure between the heat sink and the component, optimizing thermal transfer.
* **Blue Anodized Finish:** The aluminum is treated with a blue anodized coating, which increases surface emissivity (improving radiation cooling) and provides corrosion resistance.
* **Pre-Applied TIM:** It comes with **T766 thermal phase change material**. This eliminates the need for manual application of thermal paste, ensuring a consistent and clean thermal bond during assembly.
---
### 3. Thermal Performance Analysis
Thermal resistance measures how effectively the part moves heat away from the silicon. Lower numbers are better under forced airflow conditions:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **Natural Convection** | 6.73 |
| **200 LFM (Linear Feet per Min)** | 3.57 |
| **500 LFM** | 2.11 |
| **800 LFM** | 1.60 |
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **13D**: Series designation (Push-pin type).
* **34**: Specific footprint/size category.
* **C2**: Material/Finish code (Blue Anodized).
* **R0**: Revision or specific packaging/attachment kit code.
- ⤷
What are the benefits of using a push-pin mount over adhesive thermal tape?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used for a 40mm x 40mm chip despite its 35mm base?