ATS-13D-50-C2-R0
AI

The **ATS-13D-50-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 19.03°C/W (@ 1.0 m/s) |
| **Spring Type** | Compression Spring |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to define the dimensions and hardware:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **13**: Series/Family type.
* **D**: Material/Thermal interface designation.
* **50**: Specific size/profile code (related to the 30x30mm footprint).
* **C2**: Thermal Performance/Material grade (Al6063).
* **R0**: RoHS Compliance and standard packaging.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (non-electronic), it is critical for the longevity of the electronic assembly:
* **Heat Dissipation:** It increases the surface area of the heat-generating component, allowing air to carry away thermal energy more efficiently.
* **Thermal Protection:** By maintaining the junction temperature ($T_j$) below the manufacturer's limit, it prevents thermal throttling and permanent silicon damage.
* **EMI Shielding (Secondary):** Depending on the grounding of the push-pins, a metal heat sink can sometimes assist in reducing electromagnetic interference, though its primary role is cooling.
---
### 4. Installation Hardware
The "Push-Pin" mechanism is a major feature of this part:
1. **Brass Push-Pins:** Provide durable attachment points to the PCB.
2. **Compression Springs:** Ensure a consistent "downward force" (pressure) on the chip to minimize the air gap between the component and the heat sink.
3. **Pre-applied TIM:** Usually comes with a high-performance thermal interface material (like ATS-52) on the base to fill microscopic voids.
---
- ⤷
What are the compatible PCB hole patterns for this specific heat sink?
- ⤷ How does the thermal resistance change at higher airflow velocities?
- ⤷ What is the recommended thermal interface material for the ATS-13D series?