ATS-13D-66-C2-R0
AI

The **ATS-13D-66-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" family, designed for cooling electronic components such as CPUs, GPUs, and other high-power surface-mount devices.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification | Details |
| :--- | :--- | :--- |
| **Dimensions (LxWxH)** | 45mm x 45mm x 35mm | Large surface area for heat dissipation. |
| **Material** | Aluminum | Lightweight with high thermal conductivity. |
| **Finish** | Blue Anodized | Increases corrosion resistance and emissivity. |
| **Attachment Type** | pushPIN™ | Spring-loaded plastic or brass pins. |
| **Thermal Resistance** | 0.80 °C/W (at 200 LFM) | Lower value indicates better cooling. |
| **Pressure Drop** | 0.15 (at 200 LFM) | Resistance to airflow within the system. |
---
### 2. Component Analysis
#### A. The Heat Sink Profile
The ATS-66-C2-R0 features a **Straight-Fin** design. This pattern is optimized for unidirectional airflow, making it ideal for rack-mounted systems or enclosures with dedicated intake/exhaust fans.
#### B. Attachment Mechanism (pushPIN™)
The "pushPIN" system eliminates the need for messy thermal adhesives. It utilizes:
- **Flexible Springs:** Ensures consistent downward pressure (7-10 lbs) on the electronic component for optimal thermal contact.
- **Varying Pin Lengths:** Designed to fit various PCB thicknesses and hole sizes.
#### C. Thermal Interface Material (TIM)
* **Pre-applied TIM:** Usually comes with **T766** (a high-performance thermal grease or phase-change material) pre-applied to the base to ensure immediate installation readiness.
---
### 3. Application Use Cases
This specific part is commonly found in the following electronic sectors:
1. **Telecommunications:** High-speed routers and switches.
2. **Data Centers:** Server motherboards and storage controllers.
3. **Industrial Computing:** Embedded systems that require passive cooling under forced-air conditions.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 1.20 | 0.80 | 0.65 | 0.55 | 0.48 |
---
- ⤷
What are the PCB hole diameter requirements for the pushPIN attachment?
- ⤷ Does this model support cross-cut fin designs for multi-directional airflow?
- ⤷ How does the 'C2' suffix specifically relate to the material or finish?