ATS-13D-67-C2-R0
AI

The **ATS-13D-67-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 2.03° C/W (@ 100 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Key Electronic Functions
While the heat sink itself does not have circuitry, its role in an electronic system is critical for stability:
* **Thermal Dissipation:** It increases the surface area of a semiconductor package, allowing heat to transfer into the ambient air via convection.
* **Protection:** By maintaining lower junction temperatures, it prevents **Thermal Throttling** and extends the Mean Time Between Failures (MTBF) of the processor.
* **Phase Change Material (PCM):** This specific model typically comes with **T766** pre-applied thermal interface material, which fills microscopic air gaps between the component and the heat sink.
---
### 3. Mechanical Design Features
The "67" in the part number refers to the specific configuration of the fins and attachment mechanism.
* **Push-Pin Mounting:** This allows for easy assembly onto a Printed Circuit Board (PCB) without the need for tools. The pins are inserted into pre-drilled holes in the PCB.
* **Spring Loading:** The compression springs ensure even pressure across the component surface, which optimizes thermal transfer and prevents the heat sink from shifting during vibration.
* **Low Profile:** At only 10mm high, it is ideal for space-constrained applications like 1U servers or thin embedded systems.
---
### 4. Part Number Breakdown (Naming Convention)
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **13D** | Series (Push-pin heat sink series) |
| **67** | Specific Fin/Base Geometry |
| **C2** | Thermal Interface Material (T766) |
| **R0** | RoHS Compliant / Revision code |
- ⤷What are the specific hole patterns required on the PCB for this heat sink?
- ⤷ How does the T766 thermal material compare to standard thermal grease?
- ⤷ What is the weight of the ATS-13D-67-C2-R0 for vibration analysis?