ATS-13D-79-C3-R0
AI

The **ATS-13D-79-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its electronic and physical specifications.
---
## 1. Core Specifications
This part belongs to the **pushPIN™** series, designed for easy installation and high thermal efficiency on Printed Circuit Boards (PCBs).
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-13D-79-C3-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.63°C/W (at 100 LFM) |
---
## 2. Dimensional Data
Precise dimensions are critical for ensuring the part fits within the "keep-out" zones of a PCB layout.
* **Length:** 25.00 mm
* **Width:** 25.00 mm
* **Height:** 30.00 mm (High profile for vertical clearance)
* **Pitch:** Square 25mm footprint
---
## 3. Thermal Performance Metrics
Thermal resistance measures the effectiveness of the heat sink in transferring heat away from the semiconductor (CPU, GPU, or MOSFET). Lower values are better.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (0.5 m/s)** | 2.63 |
| **300 (1.5 m/s)** | 1.58 |
| **500 (2.5 m/s)** | 1.31 |
| **700 (3.5 m/s)** | 1.17 |
---
## 4. Key Electronic Components Features
### Push-Pin Mounting System
Instead of using messy adhesives or permanent thermal epoxy, this part uses a **push-pin and brass spring** mechanism.
* **Reliability:** Provides consistent pressure (Pre-assembled with a 27-gauge spring).
* **Ease of Maintenance:** Can be removed for chip inspection or thermal paste re-application.
### Thermal Interface Material (TIM)
The "R0" suffix indicates that the part typically comes with a pre-applied **Thermal Interface Material** (usually T412 or similar), ensuring a low-resistance thermal path between the component and the aluminum fins.
### Fin Design
The **Straight Fin** pattern is optimized for "omni-directional" or specific directional airflow, allowing the heat to dissipate into the ambient air of the electronic enclosure.
---
- ⤷What is the difference between Blue Anodized and Black Anodized finishes in thermal performance?
- ⤷ How do I calculate the required LFM for my specific chip wattage?
- ⤷ What is the recommended hole size on the PCB for the pushPIN attachment?