ATS-13E-83-C2-R0
AI

The **ATS-13E-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for precision cooling of integrated circuits (ICs) and surface-mount components.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-13E-83-C2-R0 |
| **Heat Sink Type** | Push-Pin (XC-Cut) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 30.00mm x 30.00mm |
| **Height** | 20.00mm |
| **Thermal Resistance** | 1.62°C/W (at 200 LFM) |
| **Attachment Method** | Push-pin with Brass Spring |
---
## Key Features
### 1. Thermal Efficiency
The heat sink features a **cross-cut (XC) pattern**, which provides a high surface area while allowing for multidirectional airflow. This is critical for systems where the direction of the fan exhaust might vary.
### 2. Push-Pin Attachment System
The "Push-Pin" mechanism (specifically the brass spring version) ensures:
* **Constant Pressure:** Maintains uniform contact between the heat sink and the electronic component (CPU/GPU/FPGA).
* **Ease of Assembly:** Quick installation through pre-drilled holes in the PCB without the need for complex tools.
### 3. Material and Coating
* **Aluminum Construction:** Offers a balance between lightweight design and high thermal conductivity.
* **Blue Anodized Finish:** Increases surface emissivity (improving radiation cooling) and provides protection against corrosion.
---
## Airflow Performance (Thermal Resistance)
Airflow is measured in Linear Feet per Minute (LFM). As velocity increases, the thermal resistance decreases, allowing the component to run cooler.
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 2.50 | 1.62 | 1.35 | 1.19 | 1.08 |
---
## Typical Applications
This component is commonly used in hardware environments where space is limited but heat generation is high, such as:
* **Network Switches and Routers**
* **Embedded Systems (SBCs)**
* **Industrial Control Units**
* **Power Supplies**
- ⤷
How do I calculate the required LFM for my specific processor?
- ⤷ What are the alternatives to push-pin mounting for this heat sink?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?