ATS-13E-99-C2-R0
AI

The **ATS-13E-99-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for thermal management of electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink (Push-Pin Style) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 11.52°C/W (at 0.5 m/s airflow) |
| **Attachment Method** | Push-Pin (with 2-hole mounting) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Features
#### A. Fin Geometry (Cross-Cut)
The "99" series signifies a **cross-cut fin pattern**. Unlike standard straight fins, cross-cut fins allow for multi-directional airflow. This makes it highly efficient in "crowded" PCB environments where airflow might come from multiple angles or be turbulent.
#### B. Push-Pin Attachment
The model uses a plastic push-pin and spring mechanism:
* **Ease of Install:** No tools are required for mounting.
* **Constant Pressure:** The spring ensures uniform contact between the heat sink and the heat source, optimizing heat transfer.
#### C. Thermal Interface Material (T766)
The unit comes with pre-applied **T766 phase-change material**. This eliminates the need for manual application of thermal paste, ensuring a clean and consistent thermal bond.
---
### 3. Electronic Application
This part is typically used in the following electronic systems:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** For industrial PCs and controllers.
3. **Power Electronics:** Managing heat for MOSFET arrays or voltage regulators.
---
### 4. Thermal Performance Comparison
Thermal resistance varies based on the velocity of airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 4.03 |
| **400 (2.0 m/s)** | 2.47 |
| **600 (3.0 m/s)** | 1.86 |
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ Can the T766 thermal material be replaced with standard thermal grease?
- ⤷ How does the blue anodized finish affect the heat sink's performance?