ATS-13F-100-C2-R0
AI

The **ATS-13F-100-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS. Below are the key characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 4.84°C/W (at 1.0 m/s airflow) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 25mm |
| **Pin Pitch** | 3.5mm |
---
### 2. Physical Design Features
* **XC Cut (Cross-Cut):** This model features a cross-cut fin design. Unlike straight fins, cross-cut fins allow for multi-directional airflow, making it highly effective in compact enclosures where air may not move in a single linear path.
* **pushPIN™ Attachment:** Instead of messy adhesives or simple clips, this uses a specialized push-pin system with a built-in spring. This ensures consistent pressure (clamping force) on the electronic component for optimal heat transfer.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** thermal phase-change material or a similar high-performance pad, ensuring a low-resistance path between the chip and the aluminum.
---
### 3. Thermal Performance Data
Performance varies based on the velocity of the air moving through the fins (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Unducted) | 4.84 |
| 300 (Unducted) | 1.87 |
| 500 (Unducted) | 1.35 |
---
### 4. Applications
This part is commonly used in:
1. **Telecommunications:** Cooling high-speed processors in routers and switches.
2. **Industrial Computing:** Maintaining temperatures in embedded PC systems.
3. **Power Electronics:** Dissipating heat from MOSFETs or IGBTs in power conversion modules.
- ⤷
How does the 'C2' designation in the part number affect the thermal interface material?
- ⤷ What are the advantages of blue anodizing over a plain aluminum finish?
- ⤷ What is the recommended hole diameter for the pushPIN mounting system?