ATS-13F-12-C2-R0
AI

The **ATS-13F-12-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the push-pin attachment series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-13F-12-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Dimensions (L x W)** | 50mm x 50mm |
| **Height (H)** | 12.7mm |
| **Fin Style** | XCUT (Cross-Cut) |
| **Thermal Resistance** | ~15.8°C/W (at 100 LFM) to ~2.1°C/W (at 800 LFM) |
---
### 2. Design and Engineering Features
#### A. XCUT Fin Pattern
The "XCUT" geometry refers to a cross-cut fin design. Unlike straight-fin heat sinks, the cross-cut pattern allows for:
* **Omnidirectional Airflow:** It can accept cooling air from any direction, making it ideal for enclosures with complex or unpredictable internal airflow.
* **Increased Surface Area:** The cuts increase the total surface area available for convection without significantly increasing the footprint.
#### B. Push-Pin Attachment Mechanism
This part uses a pre-assembled brass push-pin with a compression spring.
* **Standardized Holes:** It requires specific PCB hole patterns (usually 3.0mm diameter holes).
* **Consistent Pressure:** The spring ensures a constant, high-pressure contact between the heat sink and the component, optimizing thermal transfer through the interface material.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that it comes pre-applied with **ATS-PPS-12**, a high-performance thermal phase-change material or tape. This eliminates the need for manual application of thermal paste during assembly.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Brand) |
| **13** | Series identifier (Fin height/density category) |
| **F** | Fine Pitch / Specific geometry code |
| **12** | Height in millimeters (approx. 12.7mm) |
| **C2** | Thermal Interface Material (TIM) type |
| **R0** | RoHS Compliant / Revision status |
---
### 4. Typical Applications
* **Embedded Computing:** Cooling high-speed processors in industrial PCs.
* **Telecommunications:** Cooling ASICs in routers and switches.
* **Power Electronics:** Managing heat for large MOSFET arrays or power modules.
- ⤷
What is the exact PCB hole pattern required for this push-pin heat sink?
- ⤷ How does the blue anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a different thermal interface material if needed?