ATS-13F-128-C2-R0
AI

The **ATS-13F-128-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide low thermal resistance and high airflow efficiency for cooling electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the key technical details for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Base Dimensions** | 54.00mm x 54.00mm |
| **Height** | 25.00mm |
| **Attachment Method** | pushPIN™ (Brass pins / Plastic pins) |
| **Fin Style** | maxiFLOW (Tapered Fin Design) |
| **Thermal Resistance** | ~2.90°C/W (at 100 LFM) |
| **Compliance** | RoHS Compliant |
---
### 2. Physical Design Features
The "ATS-13F-128-C2-R0" features specific engineering choices to maximize cooling:
* **maxiFLOW™ Geometry:** The fins are tapered and spread outward. This design reduces pressure drop and increases the surface area exposed to moving air, making it more efficient than standard straight-fin heat sinks.
* **pushPIN™ Attachment:** It utilizes a specialized spring-loaded pin system. This ensures even pressure across the component (improving thermal contact) and makes installation faster and more secure than simple adhesive tapes.
* **C2 Material/Finish:** The "C2" suffix typically denotes the use of **Blue Anodized** aluminum. This finish is not just for aesthetics; it provides corrosion resistance and slightly improves radiative heat transfer.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify the specific variant:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **13F** | Series/Mounting Type (pushPIN™ style) |
| **128** | Specific physical dimensions/fin configuration |
| **C2** | Thermal Interface Material (TIM) and Finish (Blue Anodized) |
| **R0** | Revision code |
---
### 4. Application Use Cases
This heat sink is commonly used in high-density electronic environments where space is limited but thermal output is high:
* **Networking Hardware:** Routers, switches, and high-speed gateways.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or power regulators.
- ⤷
What is the compatible spring-pin mounting hole size for this heat sink?
- ⤷ How does the maxiFLOW fin design compare to standard cross-cut heat sinks?
- ⤷ What type of Thermal Interface Material (TIM) comes pre-applied on the C2 model?