ATS-13F-134-C2-R0
AI

The **ATS-13F-134-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Plastic Pegs with Springs) |
| **Thermal Resistance (Flow)** | 4.44 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 25.00mm |
| **Pitch (Hole to Hole)** | 63.00mm |
| **Weight** | ~90 grams |
---
### 2. Key Features
* **Thermal Performance:** Engineered with a specific fin density (fine pitch) to maximize surface area for air cooling.
* **Push-Pin Mounting:** Uses a spring-loaded mechanism that ensures consistent pressure on the component, improving thermal interface material (TIM) performance.
* **Pre-Applied TIM:** Typically comes with a high-performance thermal interface material pre-applied to the base to simplify installation.
* **Directional Airflow:** Designed for systems with forced-air cooling (fans).
---
### 3. Application Use Cases
This heat sink is typically found in the following electronic environments:
1. **Industrial Computing:** Cooling processors in automation controllers.
2. **Networking Equipment:** Managing heat in high-speed switches and routers.
3. **Power Electronics:** Dissipating heat from large MOSFET arrays or IGBTs.
---
### 4. Thermal Resistance Data
Thermal performance varies based on the airflow (velocity) within the chassis:
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Unducted Flow (°C/W)** | 4.44 | 2.06 | 1.62 | 1.41 | 1.28 |
| **Ducted Flow (°C/W)** | 1.78 | 1.31 | 1.12 | 1.01 | 0.93 |
- ⤷
What is the difference between ducted and unducted flow for this heat sink?
- ⤷ Are there alternative mounting options besides push-pins for this model?
- ⤷ Which thermal interface materials are compatible with Blue Anodized aluminum?