ATS-13F-14-C2-R0
AI

The **ATS-13F-14-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** line, designed for cooling electronic components such as processors, FPGAs, and GPUs.
---
## 1. Technical Specifications
Below is a breakdown of the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (LxWxH)** | 50mm x 50mm x 20mm |
| **Thermal Resistance** | 9.97 °C/W (at 100 LFM) |
| **Flow Pattern** | Fine-Pitch (Straight Fin) |
| **Spring/Pin Type** | ATS-PP-06 (Plastic or Brass) |
---
## 2. Key Components & Construction
The ATS-13F-14-C2-R0 consists of three primary electronic cooling elements:
### A. The Heat Sink Body
* **Straight Fin Design:** Uses a specific fin density to optimize airflow from a cooling fan.
* **Material:** The 6063 aluminum alloy provides a high thermal conductivity-to-weight ratio.
* **Blue Anodized Coating:** Provides corrosion resistance and slightly improves radiative heat transfer.
### B. The pushPIN™ Attachment Mechanism
Instead of adhesive or simple clips, this model uses a **spring-loaded pushpin system**.
* **Pre-drilled Holes:** Designed for a specific PCB hole pattern (43mm spacing).
* **Compression Springs:** These ensure consistent pressure (TIM - Thermal Interface Material) against the chip for maximum heat transfer.
### C. Thermal Interface Material (TIM)
* The part usually comes with a pre-applied high-performance **T766 phase-change material** or thermal grease. This fills the microscopic air gaps between the component and the heat sink.
---
## 3. Performance Data
Thermal resistance decreases as the airflow (Measured in Linear Feet per Minute - LFM) increases:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 9.97 |
| 300 | 1.5 | 3.28 |
| 500 | 2.5 | 2.15 |
| 700 | 3.5 | 1.68 |
---
## 4. Usage Considerations
* **PCB Footprint:** Ensure your PCB has the required 43mm x 43mm hole spacing.
* **Component Height:** The 20mm height is "low-profile," making it suitable for 1U server chassis or compact embedded systems.
* **Airflow Direction:** Because it is a straight-fin design, it is most effective when airflow is directed parallel to the fins.
- ⤷
What is the difference between blue anodized and black anodized heat sinks in terms of performance?
- ⤷ How do I calculate the required LFM for a specific FPGA using this heat sink?
- ⤷ Are there alternative mounting options if my PCB does not have pre-drilled holes?