AI

The **ATS-13F-15-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components using Advanced Thermal Solutions' (ATS) proprietary "push-pin" attachment mechanism.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 3.44°C/W @ 200 LFM (Linear Feet per Minute) |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Interface Material** | T766 (Thermal Phase Change Material) |
---
### 2. Component Breakdown
The part number can be decoded to understand its structural features:
#### A. The Heat Sink (Extrusion)
* **Design:** It features a "Cross-Cut" or "Fine-Pitch" fin design. This maximizes surface area, allowing for better heat dissipation in forced-air environments (fan-cooled).
* **Material:** Aluminum is used for its high thermal conductivity and lightweight properties.
#### B. The Attachment System (Push-Pins)
* **Hardware:** It utilizes brass push-pins and steel springs.
* **Mechanism:** These pins are pushed through pre-drilled holes in the PCB. The springs apply constant pressure, ensuring the heatsink maintains a tight, uniform contact with the electronic chip.
#### C. Thermal Interface Material (TIM)
* **Pre-Applied:** The "R0" designation usually indicates it comes with a pre-applied thermal pad or phase-change material (T766).
* **Purpose:** This fills microscopic air gaps between the chip surface and the heatsink base to improve heat transfer.
---
### 3. Typical Applications
This specific heatsink is commonly found in the following electronic environments:
* **Telecommunications:** Cooling high-speed processors in routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Managing heat for MOSFETs or voltage regulators.
---
### 4. Installation Example
The following pseudo-code logic represents the thermal validation check an engineer might perform before selecting this part:
```python
def validate_thermal_safety(chip_power_w, ambient_temp, max_junction_temp):
# Thermal Resistance of ATS-13F-15-C2-R0 at standard airflow
heatsink_res = 3.44 # °C/W
# Calculate estimated junction temperature
estimated_temp = ambient_temp + (chip_power_w * heatsink_res)
if estimated_temp < max_junction_temp:
return "Pass: Heatsink is sufficient"
else:
return "Fail: Increase airflow or choose larger heatsink"
# Example: 10W chip, 40°C ambient, 100°C limit
print(validate_thermal_safety(10, 40, 100))
```
- ⤷
What is the difference between blue anodized and black anodized finishes for this heatsink?
- ⤷ Can this push-pin system be used on PCBs of any thickness?
- ⤷ How does the T766 phase-change material compare to standard thermal grease?