ATS-13F-162-C2-R0
AI

The **ATS-13F-162-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Key Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Part Family** | pushPIN™ Heat Sink |
| **Attachment Type** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 3.62 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Fin Pattern** | Fine Pitch (Straight Fin) |
| **Interface Material** | T766 (Thermal Phase Change Material) |
---
### 2. Physical Components
This assembly consists of three primary electronic-mechanical parts:
1. **Heat Sink Body:** A 45mm square aluminum block with vertical fins. The high fin density increases the surface area, allowing for efficient heat transfer into the surrounding air.
2. **Push-Pin Mechanism:** Uses a spring-loaded pin system. This ensures even pressure across the component surface, which is critical for maintaining a consistent thermal bond.
3. **Thermal Interface Material (TIM):** The "C2" in the part number indicates it comes pre-applied with **T766**, a high-performance thermal pad/paste that fills microscopic air gaps between the heat source and the metal sink.
---
### 3. Thermal Performance Profile
The effectiveness of this part depends heavily on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Airflow Velocity | Thermal Resistance (Unducted) |
| :--- | :--- |
| **100 LFM (0.5 m/s)** | 3.62 °C/W |
| **300 LFM (1.5 m/s)** | 2.13 °C/W |
| **500 LFM (2.5 m/s)** | 1.71 °C/W |
| **700 LFM (3.5 m/s)** | 1.48 °C/W |
---
### 4. Typical Applications
* **Networking Gear:** Switches and routers where high-speed processors generate significant heat.
* **Industrial PCs:** Used on motherboards where vibration resistance (provided by the push-pins) is necessary.
* **Power Supplies:** Cooling MOSFETs or power regulators.
- ⤷
How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ What are the PCB hole requirements for the push-pin mounting system?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?