ATS-13F-182-C1-R0
AI

The **ATS-13F-182-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of the "push-pin" series designed for cooling processors and integrated circuits.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Top Mount (Square Fin) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 7.48°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | ATS-51 (Pre-applied) |
---
### 2. Physical Design & Composition
The unit is engineered to maximize surface area within a small footprint to dissipate heat efficiently into the surrounding air.
* **Fin Style:** It utilizes a **Square-Fin** pattern, which provides multi-directional airflow. This is ideal for systems where the airflow direction might be inconsistent or obstructed.
* **Material:** Made from high-grade aluminum, it balances weight and thermal conductivity. The **Blue Anodized** finish is not just aesthetic; it protects the aluminum from corrosion and slightly improves emissivity.
* **Thermal Interface (TIM):** The base comes pre-applied with **ATS-51**, a high-performance thermal pad/grease. This eliminates the need for manual application and ensures a bubble-free contact with the component (CPU/GPU/FPGA).
---
### 3. Attachment Mechanism: Push-Pin
The "C1" in the part number signifies the specific attachment kit.
1. **Spring-Loaded Pins:** The heat sink is secured to the PCB using two plastic push-pins with integrated springs.
2. **Compression:** The springs provide precise, consistent pressure against the electronic component, ensuring maximum heat transfer without cracking the silicon die.
3. **Hole Patterns:** It requires two pre-drilled holes in the PCB, usually spaced specifically for the 40mm frame.
---
### 4. Performance Metrics (Airflow)
The effectiveness of this part depends heavily on the Linear Feet per Minute (LFM) of airflow provided by system fans:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 7.48 |
| **400 (2.0 m/s)** | 3.66 |
| **600 (3.0 m/s)** | 2.89 |
---
### 5. Common Applications
* **Embedded Systems:** Cooling SoCs (System on Chips).
* **Networking:** Routers, switches, and high-speed modems.
* **Power Supplies:** Cooling voltage regulators or power transistors.
* **Industrial PCs:** Compact computing modules where vertical space is limited to 15mm.
- ⤷
What are the PCB hole diameter requirements for this push-pin model?
- ⤷ How does the ATS-51 thermal interface compare to standard thermal paste?
- ⤷ Are there taller versions of this heat sink for better cooling?