ATS-13F-202-C2-R0
AI

The **ATS-13F-202-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. These parts are designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 14.83°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 54.00mm x 54.00mm |
| **Height (Fin Depth)** | 15.00mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to describe the component's geometry and mounting style:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **13:** Indicates the specific fin pattern or series geometry.
* **F:** Denotes the "Fine" pitch fin configuration.
* **202:** Internal code for the specific dimension set ($54 \times 54 \times 15$ mm).
* **C2:** Refers to the material and finish (Blue Anodized Aluminum).
* **R0:** Revision code or packaging indicator.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not use electricity), it is critical for the electronic health of a system:
1. **Thermal Dissipation:** It increases the surface area of a hot electronic component, allowing airflow (convection) to carry heat away more efficiently.
2. **Junction Temperature Control:** By lowering the operating temperature, it prevents "thermal throttling" in processors and extends the Mean Time Between Failures (MTBF) of the silicon.
3. **Mechanical Stability:** The push-pin mechanism uses a precise spring-loaded design to ensure a constant, even pressure across the die, which is vital for the effectiveness of the Thermal Interface Material (TIM).
---
### 4. Mounting and Compatibility
This part is designed for PCBs with pre-drilled holes. The **push-pin and compression spring** system provides:
* **Tool-less installation:** Snap-in assembly.
* **Reliability:** Maintains contact even during high-vibration environments.
* **Universal Hole Patterns:** Generally compatible with industry-standard pitch distances.
- ⤷What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How do I calculate the correct hole pitch for the ATS push-pin system?
- ⤷ Can this heat sink be used with a custom fan attachment?