ATS-13F-33-C3-R0
AI

The **ATS-13F-33-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table highlights the core technical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 17.50°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 36.83mm x 36.83mm |
| **Height** | 17.78mm |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Component Breakdown
#### A. The maxiFLOW™ Design
The heat sink features a unique spread-fin geometry. Unlike standard square fins, these fins maximize the surface area for convection while minimizing pressure drop. This is critical in high-density electronic enclosures where airflow might be restricted.
#### B. pushPIN™ Attachment
Instead of using messy adhesives or weak thermal tape, this part uses a **pushPIN™** system:
* **Spring-loaded:** Ensures consistent pressure across the component surface for optimal thermal transfer.
* **Hardware:** Includes brass or plastic pins and a stainless steel spring.
* **Reliability:** Highly resistant to shock and vibration compared to "clip-on" alternatives.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T412**, a high-efficiency thermal grease/pad. This fills the microscopic air gaps between the heat source (the chip) and the aluminum base, significantly reducing thermal resistance.
---
### 3. Part Number Decoder
The part number **ATS-13F-33-C3-R0** provides specific build details:
* **ATS:** Advanced Thermal Solutions (Brand).
* **13:** Series/Body style.
* **F:** Fin pitch/style.
* **33:** Specific dimension/height code.
* **C3:** Specific thermal performance/material grade.
* **R0:** Revision code or packaging variant.
---
### 4. Ideal Applications
* **Telecommunications:** Cooling network switches and routers.
* **Embedded Computing:** Industrial PCs and small form factor boards.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the specific hole patterns required for the pushPIN™ mounting on a PCB?
- ⤷ How does the T412 thermal interface material compare to other TIMs in terms of conductivity?
- ⤷ Can this heat sink be customized for different fin heights or materials?