Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-13F-46-C3-R0

  • AI
    The **ATS-13F-46-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from surface-mount components like BGA (Ball Grid Array) processors and FPGAs. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by Advanced Thermal Solutions. Here are the core specifications: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Product Type** | Push-Pin Heat Sink | | **Material** | Aluminum (Blue Anodized) | | **Base Dimensions** | 25mm x 25mm | | **Height** | 25mm | | **Fin Style** | High-performance XC (Cross-Cut) | | **Attachment Method** | Push-Pin with Brass Springs | | **Thermal Resistance** | ~11.60°C/W (at 200 LFM) | --- ### 2. Key Electronic Features #### A. XC (Cross-Cut) Fin Design The "XC" designation indicates that the aluminum fins are cut both vertically and horizontally. This increases surface area and creates more turbulence in the airflow, which significantly improves heat transfer compared to standard straight-fin heat sinks. #### B. Push-Pin Attachment Mechanism This part uses a mechanical push-pin system rather than adhesive tape. * **Reliability:** Provides constant pressure for better interface contact. * **Ease of Install:** Requires pre-drilled holes in the PCB. * **Springs:** Uses brass springs to ensure the correct amount of force is applied to the chip without cracking the silicon die. #### C. Thermal Interface Material (TIM) The **"R0"** suffix typically indicates that the heat sink comes pre-applied with a high-performance Thermal Interface Material. This eliminates the need for manual application of thermal paste and ensures a low-resistance path for heat to travel from the component to the aluminum fins. --- ### 3. Application Use Cases This specific model is typically used in space-constrained electronic environments where air is forced through the chassis (active cooling). Common applications include: * **Network Switches/Routers:** Cooling high-speed processing chips. * **Telecommunications:** Base station equipment. * **Embedded Systems:** Industrial PCs and controllers.
    ✨ Follow-up Questions
    • ⤷ What are the requirements for the PCB hole pattern to fit this heat sink?
    • ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
    • ⤷ What is the advantage of blue anodized aluminum over standard finishes?