ATS-13F-52-C3-R0
AI

The **ATS-13F-52-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from high-power electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Anodized Blue) |
| **Thermal Resistance** | 3.54°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 57.5mm x 57.5mm x 15mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Tapered (maxiFLOW) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Key Design Features
#### A. maxiFLOW™ Fin Design
Unlike traditional straight-fin heat sinks, this part uses a **tapered fin** geometry. This design increases the surface area for heat dissipation while minimizing pressure drop across the device, making it highly efficient in forced-air environments (fan-cooled systems).
#### B. pushPIN™ Attachment
The part uses a specialized "pushPIN" mechanism rather than adhesive tape.
* **Mechanical Integrity:** Provides consistent pressure on the component to maximize heat transfer.
* **Ease of Install:** Uses a brass or plastic pin and a compression spring for secure mounting to the PCB via pre-drilled holes.
#### C. Thermal Interface Material (TIM)
The heat sink comes with **T412** material pre-applied to the base. This is a high-performance thermal pad that fills microscopic air gaps between the component and the heat sink, ensuring low thermal resistance at the contact point.
---
### 3. Application Use-Cases
This specific size and thermal rating are typically found in:
* **Telecommunications:** Cooling of networking switches and routers.
* **Computing:** Secondary cooling for chipsets or power modules.
* **Industrial:** High-density power supplies and motor controllers where airflow is available.
---
- ⤷
What are the different thermal resistance ratings for this heat sink at varying airflow speeds (LFM)?
- ⤷ How do I choose between a plastic and a brass pushPIN for this model?
- ⤷ What are the PCB hole diameter requirements for the ATS-13F-52-C3-R0 mounting system?