ATS-13F-77-C3-R0
AI

The **ATS-13F-77-C3-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series and is designed specifically for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions** | 25mm x 25mm x 30mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 9.58°C/W (Unducted Flow @ 100 LFM) |
| **Spring Type** | ATS-PPS-13 (Compression Spring) |
---
### 2. Electronic/Thermal Performance
The efficiency of this part depends heavily on the airflow (Velocity) within the electronic enclosure.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 9.58 |
| 200 (1.0 m/s) | 3.85 |
| 300 (1.5 m/s) | 2.80 |
| 400 (2.0 m/s) | 2.36 |
| 500 (2.5 m/s) | 2.12 |
---
### 3. Key Component Features
* **Push-Pin Attachment:** This model uses a tool-free push-pin mechanism. It features a pre-drilled hole pattern that allows for quick installation onto a PCB, ensuring consistent pressure for optimal heat transfer.
* **High Aspect Ratio Fins:** The "77" series uses a specific fin density designed to maximize surface area while maintaining a footprint small enough for compact electronics (25mm x 25mm).
* **Thermal Interface Material (TIM):** The part typically comes with a pre-applied **T412** thermal interface material, which is a high-performance thermal pad that fills microscopic air gaps between the chip and the heat sink.
* **Durability:** The Blue Anodized finish is not just for aesthetics; it provides surface protection against corrosion and increases the emissivity of the aluminum, slightly improving radiation heat transfer.
---
### 4. Typical Applications
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and high-density power modules.
- ⤷
What are the PCB hole diameter requirements for the ATS-PPS-13 push-pin?
- ⤷ How does the T412 thermal interface material compare to standard thermal paste?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?