ATS-13F-82-C3-R0
AI

The **ATS-13F-82-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for cooling surface-mount components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-13F-82-C3-R0 |
| **Product Category** | Heat Sinks |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 10.97°C/W (@ 100 LFM) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 25mm |
---
### 2. Key Design Components
#### A. Fin Pattern: Straight Fin
This model uses a **Straight Fin** design. While cross-cut fins are better for omnidirectional airflow, straight fins are highly efficient in systems where there is a consistent, directed airflow from a specific direction.
#### B. Attachment: Push-Pin and Brass Spring
The "R0" designation refers to the mounting kit. It uses a plastic push-pin with a brass spring.
* **Benefits:** Provides consistent pressure for optimal thermal interface material (TIM) performance.
* **Security:** Offers a more secure mechanical connection than adhesive tapes, especially in high-vibration environments.
#### C. Thermal Interface Material (TIM)
This part typically comes pre-applied with **T412**, a high-performance phase-change material or thermal tape, ensuring an even thermal bridge between the chip and the aluminum base.
---
### 3. Thermal Performance Profile
The effectiveness of this heat sink varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 10.97 |
| 300 (Moderate) | 4.25 |
| 500 (High) | 3.13 |
---
### 4. Applications
* **Telecommunications:** Cooling of high-speed networking chips.
* **Industrial PC:** Cooling processors in fan-less or restricted airflow chassis.
* **Embedded Systems:** Ideal for 30mm x 30mm footprint ICs that generate moderate heat loads.
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate if the 10.97°C/W resistance is sufficient for my 5W chip?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes for push-pins?