ATS-13F-86-C3-R0
AI

The **ATS-13F-86-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling surface-mount components like BGA (Ball Grid Array) chips.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Dimensions** | 35.00mm x 35.00mm |
| **Height** | 15.00mm |
| **Attachment Type** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface (TIM)** | T412 (Pre-applied) |
---
### 2. Design and Engineering Features
### A. Fin Geometry (Cross-Cut)
The "F" in the part number often indicates a cross-cut or high-efficiency fin design. This allows for **multi-directional airflow**, meaning the heat sink remains effective regardless of whether the air is blowing vertically or horizontally across the PCB.
### B. Push-Pin Attachment Mechanism
Instead of using messy thermal adhesives or tapes, this part uses a mechanical attachment system:
* **Hole Pattern:** Requires pre-drilled holes in the PCB.
* **Stability:** Provides consistent pressure on the component, improving thermal contact.
* **Reliability:** Resistant to shock and vibration compared to "peel-and-stick" solutions.
### C. Thermal Performance
The efficiency of this heat sink is measured by its thermal resistance ($^\circ C/W$). At lower airflows, the resistance is higher, while higher air velocities significantly improve cooling.
---
### 3. Part Number Breakdown
The nomenclature for ATS heat sinks generally follows this logic:
* **ATS**: Brand (Advanced Thermal Solutions).
* **13**: Series/Style (typically referring to the fin pattern).
* **F**: Material/Finish indicator or fin type.
* **86**: Specific size/geometry code.
* **C3**: Attachment and Spring kit code (refers to the specific push-pin and spring tension).
* **R0**: Revision or RoHS compliance indicator.
---
### 4. Application Use Cases
This component is typically found in:
* **Networking Equipment:** Routers, switches, and gateways.
* **Industrial PCs:** Cooling embedded processors or FPGAs.
* **Power Electronics:** Dissipating heat from high-current voltage regulators.
- ⤷
What is the thermal resistance value of this heat sink at 200 LFM airflow?
- ⤷ Are there alternative attachment methods for this size if the PCB lacks holes?
- ⤷ Does the T412 thermal interface material require curing time?