ATS-13F-87-C3-R0
AI

The part number **ATS-13F-87-C3-R0** refers to a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their *push-pin* attachment series designed for cooling electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | pushPIN™ |
| **Heat Sink Type** | Straight Fin |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height** | 12.7mm |
| **Attachment Type** | Push-Pin (Brass, Spring Loaded) |
| **Thermal Resistance** | 13.30 °C/W (at 100 LFM) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the component's features:
- **ATS-13**: Refers to the specific series and mounting hole pattern.
- **F**: Indicates the thermal interface material (typically pre-applied phase-change material).
- **87**: Refers to the specific fin design and dimensions.
- **C3**: Indicates the material and finish (C3 corresponds to Blue Anodized Aluminum).
- **R0**: Refers to the revision or packaging standard.
---
### 3. Key Electronic Cooling Features
* **Thermal Interface Material (TIM):** This model usually comes with **T766** pre-applied, which is a high-performance thermal pad that fills microscopic air gaps between the chip and the heat sink.
* **Push-Pin Mounting:** Unlike adhesive tapes, the push-pin mechanism provides consistent pressure against the component, ensuring better thermal contact and mechanical stability during vibration.
* **Aerodynamic Design:** The straight-fin design is optimized for environments with forced air (fans), allowing air to pass through the fins and carry heat away efficiently.
---
### 4. Typical Applications
This heat sink is commonly found in:
* **Networking Gear:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and controllers.
* **Consumer Electronics:** High-end set-top boxes or power supplies.
- ⤷
What are the compatible PCB hole diameters for the ATS-13 series push-pins?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom fan attachment?