ATS-13F-90-C2-R0
AI

The **ATS-13F-90-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient heat dissipation on Printed Circuit Boards (PCBs).
---
### 1. Technical Specifications
Below are the key mechanical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm |
| **Fin Style** | Straight Fin (Fine Pitch) |
| **Thermal Resistance (Unducted)** | 6.36 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.60 °C/W @ 100 LFM |
---
### 2. Breakdown of the Part Number
The nomenclature for this part follows a specific pattern used by Advanced Thermal Solutions:
1. **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
2. **13**: Series Number.
3. **F**: Attachment style (Push-Pin).
4. **90**: Fin Pitch/Height configuration code.
5. **C2**: Material and Thermal Interface Material (TIM) code (indicates T766 phase-change material).
6. **R0**: Revision/Packaging code.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not contain circuits), its role is critical for the electronic health of the system:
* **Thermal Dissipation**: It increases the surface area of a heat-generating component (like an FPGA, ASIC, or CPU), allowing air to carry heat away more effectively.
* **Thermal Interface Material (TIM)**: The "C2" designation implies it comes pre-applied with high-performance TIM, which fills microscopic air gaps between the component and the heat sink to ensure maximum heat transfer.
* **Mechanical Stability**: The pushPIN™ system uses a compression spring and plastic/brass pins to ensure constant, even pressure on the chip, preventing "tilting" which could crack the silicon die or break solder joints (BGA pads).
---
### 4. Implementation Example
In a typical PCB design, this part is mounted over a 35mm square chip. The attachment requires two holes drilled into the PCB at a specific distance (Pitch).
```markdown
# PCB Footprint Note
- Hole Diameter: 3.175mm (typical for pushPIN)
- Hole Pitch: 28.50mm (center-to-center)
- Keep-out Zone: 40.00mm square to allow for spring compression
```
---
- ⤷
What is the maximum power dissipation (Watts) this heat sink can handle safely?
- ⤷ Does the 'Blue Anodized' finish affect thermal performance compared to clear anodized?
- ⤷ What are the advantages of pushPIN attachment over adhesive thermal tape?