ATS-13F-91-C3-R0
AI

The **ATS-13F-91-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink**. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs in high-airflow environments.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-13F-91-C3-R0 |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum (Body) / Blue Anodized (Finish) |
| **Thermal Resistance** | ~4.90 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Flow Direction** | Unidirectional / High-Efficiency |
---
### Component Breakdown
#### 1. Heat Sink Design (maxiFLOW™)
The "91" in the part number refers to the specific fin geometry. The **maxiFLOW™** design features a tapered fin structure that increases the surface area while reducing pressure drop. This allows more air to pass through the fins, making it ideal for systems with concentrated airflow.
#### 2. Attachment System (pushPIN™)
Unlike simple adhesive tapes, this part uses the **pushPIN™** system:
* **Spring-loaded mechanism:** Ensures constant and even pressure on the chip.
* **Brass/Plastic Pins:** Provides a secure mechanical attachment to the PCB.
* **Reliability:** Resistant to vibration and thermal expansion, preventing the heat sink from detaching over time.
#### 3. Thermal Interface Material (TIM)
The **C3** designation in the part number indicates the type of pre-applied Thermal Interface Material:
* **Type:** T766 (or equivalent high-performance phase-change material).
* **Function:** It fills microscopic air gaps between the component surface and the heat sink base to maximize heat transfer.
#### 4. Material and Finish
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** Not just for aesthetics; the anodization protects the aluminum from corrosion and slightly increases emissivity for better heat radiation.
---
### Applications
* **Embedded Computing:** Cooling high-speed processors in industrial PCs.
* **Networking:** Used on ASICs in routers and switches.
* **Power Electronics:** Managing heat in DC-DC converters.
- ⤷
How does the pushPIN™ system compare to adhesive thermal tape?
- ⤷ What is the significance of the 'R0' suffix in ATS part numbers?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?