ATS-13F-93-C2-R0
AI

The **ATS-13F-93-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of their "pushPIN™" heat sink assembly line, designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal characteristics of this specific part number:
| Specification | Value/Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pegs) |
| **Fin Style** | Straight Fin (Cross-cut for improved airflow) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 20.00mm |
| **Thermal Resistance** | 12.32 °C/W (@ 100 LFM) |
| **Finish** | Blue Anodized |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied phase change material) |
---
### 2. Design and Components
The part is engineered to maximize surface area while maintaining a low profile for space-constrained PCB environments.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, the "pushPIN" system uses a brass or plastic pin with a stainless steel spring. This provides consistent pressure (load) on the component, ensuring optimal heat transfer.
* **Cross-Cut Fin Pattern:** The vertical fins are cut horizontally to allow for multi-directional airflow, making it effective in systems where air direction might change or be turbulent.
* **T766 TIM:** This is a high-performance thermal pad pre-applied to the base. It eliminates the need for manual thermal paste application during assembly.
---
### 3. Thermal Performance Profile
The efficiency of the heat sink varies based on the airflow (Linear Feet per Minute - LFM) inside the electronic enclosure:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 12.32 |
| 200 (1.0 m/s) | 4.46 |
| 400 (2.0 m/s) | 2.23 |
| 600 (3.0 m/s) | 1.59 |
---
### 4. Part Number Decoder
The part number **ATS-13F-93-C2-R0** can be broken down as follows:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **13**: Series/Attachment type (pushPIN™).
* **F**: Fin Type (Fine pitch/Straight).
* **93**: Dimension/Design code.
* **C2**: Material and Finish (Aluminum, Blue Anodized).
* **R0**: Revision/Packaging code.
- ⤷
How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ What are the PCB hole requirements for the pushPIN mounting system?
- ⤷ Is this heat sink suitable for passive cooling without a fan?