ATS-13F-99-C2-R0
AI

## Technical Overview: ATS-13F-99-C2-R0
The **ATS-13F-99-C2-R0** is a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
### 1. Key Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Fine-Pitch (increases surface area) |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 11.52 °C/W (at 100 LFM) |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### 2. Functional Components
1. **Heat Sink Body**: Constructed from extruded aluminum for efficient heat conduction. The 20mm height offers a balance between airflow clearance and surface area.
2. **Fine-Pitch Fin Design**: The "99" in the part number refers to the specific fin pattern. Fine-pitch fins are optimized for systems with consistent airflow (forced convection), allowing for maximum heat dissipation in a compact footprint.
3. **pushPIN™ Attachment**: This mechanism uses a brass or plastic pin with a stainless steel spring. It provides:
* **Consistent Pressure**: Ensures optimal contact between the heat sink and the chip.
* **Secure Fit**: Prevents the sink from shifting during vibration or shipping.
4. **Thermal Interface Material (TIM)**: Comes pre-applied with **T766** phase-change material, which fills microscopic air gaps between the component and the heat sink to improve thermal conductivity.
---
### 3. Applications
This part is typically used in environments where vertical space is somewhat restricted but thermal loads are significant, such as:
* **Networking Equipment**: Switches and routers.
* **Embedded Systems**: Industrial PCs and IoT gateways.
* **Power Electronics**: Cooling voltage regulators or power modules.
- ⤷
How does the thermal resistance of this heat sink change at higher airflows (LFM)?
- ⤷ What are the specific mounting hole requirements for the pushPIN system on this model?
- ⤷ Are there alternative Thermal Interface Materials available for the ATS-13F series?