ATS-13G-41-C2-R0
AI

The **ATS-13G-41-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling electronic components such as CPUs, GPUs, and high-heat ICs.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-13G-41-C2-R0 |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 10.02°C/W (at 100 LFM airflow) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 30mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### 2. Physical Design and Construction
#### Fin Configuration
The "G" in the part number indicates a **straight fin** or **cross-cut** design. This allows for optimal airflow in one or multiple directions, depending on the orientation of the chassis fans.
#### Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** This provides more than just aesthetic value; the anodization process increases surface emissivity, slightly improving radiation heat transfer and protecting the aluminum from corrosion.
---
### 3. Attachment Mechanism: pushPIN™
The suffix **R0** indicates the specific hardware used for mounting. This part utilizes a spring-loaded pin mechanism which offers several advantages:
1. **Uniform Pressure:** Ensures consistent contact between the heat sink base and the electronic component, maximizing heat transfer.
2. **Vibration Resistance:** The spring tension keeps the heat sink secure in high-vibration environments (like industrial machinery or servers).
3. **Easy Installation:** Requires pre-drilled holes in the PCB, allowing for quick assembly without specialized tools.
---
### 4. Thermal Performance
The efficiency of this part is measured by its thermal resistance. As airflow increases, the resistance drops, allowing for more heat dissipation:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 10.02 |
| 300 (1.5 m/s) | 3.11 |
| 500 (2.5 m/s) | 2.11 |
---
### 5. Part Number Breakdown (Example)
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **13:** Series/Family
* **G:** Fin design/Style
* **41:** Dimensions (Size category)
* **C2:** Blue Anodized / Thermal Performance grade
* **R0:** Attachment hardware and revision status
- ⤷What are the specific hole patterns required on a PCB for the ATS-13G-41-C2-R0?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Are there alternative mounting options if pushPIN holes are not available on my board?