ATS-13G-71-C2-R0
AI

The **ATS-13G-71-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and surface-mount devices (SMDs).
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Type** | Push-Pin Heat Sink |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Thermal Resistance** | 6.70°C/W (Unducted Flow @ 200 LFM) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Brass/Plastic) |
| **Thermal Interface Material (TIM)** | T766 (High performance) |
---
### 2. Key Components & Design Features
#### A. Fin Pattern (Cross-Cut)
The unit features a **straight-fin, cross-cut** design. This creates a matrix of pins/fins that allows for multi-directional airflow. This is particularly effective in systems where the direction of the cooling fan's exhaust might not be perfectly aligned with the heat sink.
#### B. Push-Pin Attachment Mechanism
Instead of using adhesive tape or epoxy, this model uses a mechanical push-pin system.
* **Reliability:** Provides constant pressure for better thermal contact.
* **Safety:** Prevents the heat sink from shifting or falling off due to vibration or high temperatures.
* **Installation:** Requires pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates it comes pre-applied with **ATS-T766**. This is a high-performance thermal grease or pad that fills microscopic air gaps between the chip surface and the heat sink base, significantly reducing thermal resistance.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Brand) |
| **13G** | Series Identifier (Push-pin style) |
| **71** | Specific Dimension/Fin Configuration |
| **C2** | Thermal Interface Material (T766) |
| **R0** | RoHS Compliant / Revision code |
---
### 4. Typical Applications
* **Network Switches/Routers:** Cooling high-speed processors.
* **Industrial PCs:** Ensuring stability in harsh thermal environments.
* **Power Supplies:** Dissipating heat from MOSFETs or Power ICs.
* **FPGA/ASIC Cooling:** Protecting high-value logic chips from thermal throttling.
- ⤷
What are the PCB hole requirements for the push-pin installation?
- ⤷ How does the T766 thermal interface material compare to standard thermal pads?
- ⤷ Can this heat sink be used in natural convection environments without a fan?