ATS-13H-101-C2-R0
AI

The **ATS-13H-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or power transistors.
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Airflow Pattern** | Straight Fin |
---
### 2. Key Components & Design
* **pushPIN™ Attachment:** This model uses a spring-loaded mechanism (pushPIN) that provides a secure, consistent pressure on the electronic component. This ensures optimal thermal interface material (TIM) performance.
* **High Aspect Ratio Fins:** The "straight fin" design is optimized for high-density airflow environments. The 30mm height allows for a significant surface area to volume ratio.
* **Blue Anodized Coating:** Beyond aesthetics, the anodization protects the aluminum from corrosion and slightly improves radiant heat transfer.
* **Pre-Applied Thermal Interface Material (TIM):** Most "C2" series parts come with **T766** phase-change material or similar, which eliminates the need for manual application of thermal paste.
---
### 3. Thermal Performance Metrics
The effectiveness of this heat sink depends heavily on the velocity of the air passing through it (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 6.69 |
| 300 (1.5 m/s) | 2.52 |
| 500 (2.5 m/s) | 1.74 |
---
### 4. Application Use Cases
1. **Telecommunications:** Cooling of networking processors in routers or switches.
2. **Industrial Controls:** Managing heat in motor drivers or power supplies.
3. **Embedded Systems:** Use in high-performance computing modules where vertical space (30mm) is available.
---
- ⤷What is the difference between the C1
- ⤷ C2
- ⤷ and C3 variants of this heat sink?
- ⤷ How do I calculate the correct hole diameter for the pushPIN mounting?
- ⤷ Does this heat sink support active fan mounting?