ATS-13H-101-C3-R0
AI

The **ATS-13H-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Thermal Resistance** | 6.77°C/W (Unducted Flow @ 100 LFM) |
| **Flow Pattern** | Cross-Cut (Straight Fin) |
| **TIM (Thermal Interface Material)** | T412 (Pre-applied) |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
This part utilizes a specialized mounting mechanism. Unlike adhesive-based sinks, it uses a flexible spring-loaded pin system.
* **Pressure:** Ensures consistent contact pressure between the heat sink and the electronic component.
* **Reliability:** Reduces the risk of the heat sink detaching due to vibration or thermal expansion.
### B. Thermal Interface Material (T412)
The part comes with **T412** pre-applied to the base.
* This material fills microscopic air gaps between the component die and the heat sink base.
* It is optimized for high conductivity, ensuring efficient heat transfer from the silicon to the aluminum fins.
### C. Advanced Fin Geometry
The "101" series utilizes a **cross-cut fin** design.
* **Multi-directional airflow:** It allows air to pass through from various angles, making it suitable for compact enclosures where airflow might be turbulent or restricted.
* **Surface Area:** The 30mm height provides a large surface area for heat dissipation without a massive footprint.
---
## 3. Applications in Electronics
This heat sink is typically found in the following environments:
1. **Telecommunications:** Networking switches and routers.
2. **Industrial PCs:** Embedded systems operating in high-temperature environments.
3. **Power Supplies:** Cooling MOSFETs or power conversion modules.
---
- ⤷
What is the difference between T412 and other Thermal Interface Materials used by ATS?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can the pushPIN attachment be used on standard PCB hole patterns?