ATS-13H-35-C2-R0
AI

The **ATS-13H-35-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of integrated circuits (ICs) like processors, FPGAs, and ASICs.
---
## 🛠️ Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 12.83°C/W (Unducted @ 100 LFM) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 10mm |
| **Fin Configuration** | Fine Pitch (Cross-Cut) |
---
## 🔍 Key Electronic & Mechanical Components
### 1. The Heat Sink Body
The body is made of **Aluminum 6063**, which is preferred in electronics for its high thermal conductivity and lightweight properties. The "Fine Pitch" design increases the surface area, allowing for better heat dissipation into the surrounding air.
### 2. Push-Pin Attachment Mechanism
Instead of using messy thermal adhesives or complex screws, this part uses a **spring-loaded push-pin system**.
* **Pins:** Usually made of durable plastic or brass.
* **Springs:** Provide a consistent **compression force** to ensure the heat sink remains in tight contact with the electronic component, which is vital for thermal transfer.
### 3. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the unit comes with **pre-applied thermal interface material**. This is a layer of specialized paste or a pad that fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance.
---
## 📈 Performance Characteristics
The efficiency of this part depends heavily on the airflow (measured in Linear Feet per Minute - LFM).
### Thermal Resistance Table
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 12.83 |
| 300 (1.5 m/s) | 4.32 |
| 500 (2.5 m/s) | 3.07 |
---
## 💡 Typical Applications
* **Embedded Systems:** Cooling small form-factor CPUs.
* **Telecommunications:** Dissipating heat from high-speed networking chips.
* **Industrial PC:** Ensuring stability in harsh environments where vibration might loosen standard adhesives.
- ⤷
How does the 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ What is the specific hole pattern required on the PCB for this push-pin model?
- ⤷ Can the pre-applied TIM be replaced with a different thermal paste for better conductivity?